Part Number Hot Search : 
1691A SMCJ64A MLL41 BFQ67W MBB51TBH SC443 SMBJ15 AS2574BP
Product Description
Full Text Search
 

To Download L2SC3356WT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet description the l 2s c 3356 wt1 is an n p n silicon epitaxial transistor designed for low noise amplifier at vhf, uhf and catv band. it has dynamic range and good current characteristic. features ? low noise and high gain nf = 1.1 db typ., g a = 11 db typ. @v ce = 10 v, i c = 7 ma, f = 1.0 ghz ? high power gain mag = 13 db typ. @v ce = 10 v, i c = 20 ma, f = 1.0 ghz absolute maximum ratings (t a = 25   c) collector to base voltage v cbo 20 v collector to emitter voltage v ceo 12 v emitter to base voltage v ebo 3.0 v collector current i c 100 ma total power dissipation p t 150 mw junction temperature t j 150  c storage temperatur e t st g  65 to +15 0  c electrical characteristics (t a = 25   c) characteristic symbol min. typ. max. unit test conditions collector cutoff current i cbo 1.0  av cb = 10 v, i e = 0 emitter cutoff current i ebo 1.0  av eb = 1.0 v, i c = 0 dc current gai n h f e 82 170 270 v ce = 3 v, i c = 10 ma gain bandwidth product f t 7 ghz v ce = 10 v, i c = 20 ma feed-back capacitance c re ** 0.55 1.0 pf v cb = 10 v, i e = 0, f = 1.0 mhz insertion power gain  s 21 e  2 11.5 db v ce = 10 v, i c = 20 ma, f = 1.0 ghz noise figure nf 1.1 2.0 db v ce = 10 v, i c = 7 ma, f = 1.0 ghz * pulse measurement pw  350  s, duty cycle  2 % * the emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge. leshan radio company, ltd. L2SC3356WT1G ? we declare that the material of product compliance with rohs requirements. ordering information device marking shipping L2SC3356WT1G 3000/tape & reel 24 10000/tape & reel 24 l2sc3356wt3g s c-70 1 3 2 rev.o 1/4
typical characteristics (t a = 25   c) total power dissipation vs. ambient temperature 200 100 0 10 20 50 100 200 50 1 5 10 50 0.5 100 150 t a -ambient temperature- c i c -collector current-ma dc current gain vs. collector current p t -total power dissipation-mw h fe -dc current gain v ce = 10 v 0 5 10 15 0.5 1 5 10 50 70 i c -collector current-ma insertion gain vs. collector current |s 21e | 2 -insertion gain-db v ce = 10 v f = 1.0 ghz 0.3 0.5 1 2 0 0.5 1 2 5 10 20 30 v cb -collector to base voltage-v feed-back capacitance vs. collector to base voltage c re -feed-back capacitance-pf f = 1.0 mhz 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 0 0.5 1.0 105.0 30 i c -collector current-ma gain bandwidth product vs. collector current f t -gain bandwidth product-mhz v ce = 10 v 0 10 20 0.1 0.2 0.4 0.6 0.81.0 2 f-frequency-ghz insertion gain, maximum gain vs. frequency g max -maximum gain-db |s 21e | 2 -insertion gain-db v ce = 10 v i c = 20 ma g max |s 21e | 2 free air leshan radio company, ltd. L2SC3356WT1G rev.o 2/4
0 2 1 5 4 3 7 6 0.5 1 5 10 50 70 i c -collector current-ma noise figure vs. collector current nf-noise figure-db v ce = 10 v f = 1.0 ghz 5 4 3 2 1 0 18 15 12 6 3 0 246810 v ce -collector to emitter voltage-v noise figure, forward insertion gain vs. collector to emitter voltage nf-noise figure-db |s 21e | 2 -insertion gain-db f = 1.0 ghz i c = 20 ma |s 21e | 2 nf leshan radio company, ltd. L2SC3356WT1G rev.o 3/4
L2SC3356WT1G leshan radio company, ltd. sc - 70 a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 4/4


▲Up To Search▲   

 
Price & Availability of L2SC3356WT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X